|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AC Power Line Choke ELECTRONICS INC. EPZ3051M-XXX * Used as AC Power Line Filters in CTV, VTR, Audios, PC's, Facsimilies and Power Supply Applications * UL940-V Recognized Materials * Temperature Rise : 45C Max. * UL1446 Insulating System * 2000 Vrms Isolation Electrical Parameters @ 25 C Part Number EPZ3051M-501 EPZ3051M-601 EPZ3051M-801 EPZ3051M-102 EPZ3051M-202 EPZ3051M-352 EPZ3051M-502 EPZ3051M-702 EPZ3051M-802 EPZ3051M-153 EPZ3051M-203 EPZ3051M-283 Inductance (mH Min.) [Pins 1-2, 4-3] 0.5 0.6 0.8 1.0 2.0 3.5 5.0 7.0 8.0 15 20 28 Current Rating (A rms Max.) 2.0 1.7 1.5 1.3 1.0 0.8 0.7 0.6 0.5 0.4 0.3 0.2 1000 Impedance (K ) 100 10 1 0.1 Impedance Characteristics H m 00 mH 1 33 mH 2 8. H m .8 1 1 KHz 10 100 1 KHz KHz MHz Frequency (Hz) 10 MHz Schematic 1 1:1 4 3 AC Line 2 Circuit Sample Package Recommended PWB Piercing Plan Marking : PCA EPZ3051M-XXX D.C. .709 .039 (18.00 1.00) .591 .039 (15.00 1.00) .047 O .004 (1.20 O .100) .787 +.010, -.039 (20.00 +.500, -1.00) 1 2 4 3 .394 .002 (10.00 .050) .157 .039 (4.00 1.00) .028 O .004 (.700 O .10) .512 .020 (13.00 .500) 394 .020 (10.00 .500) .512 .002 (13.00 .050) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSZ3051M-XXX Rev. 11/7/02 TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPZ3051M-102 |